PART |
Description |
Maker |
BYM11-50 BYM11-800 BYM11-600 BYM11-400 BYM11-100 B |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 600 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 Surface Mount Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A
|
Vishay Beyschlag
|
2P1M-YB 2P6M-YB 2P4M-YB 2P2MYC 2P2M-YB 2P2M-CY 2P0 |
4 A, 100 V, SCR PLASTIC PACKAGE-3 4 A, 600 V, SCR PLASTIC PACKAGE-3 4 A, 400 V, SCR PLASTIC PACKAGE-3 4 A, 200 V, SCR 4 A, 50 V, SCR
|
|
S9648-100 |
Plastic package shaped the same as metal package
|
Hamamatsu Corporation
|
CMPSH-3A |
0.1 A, 30 V, SILICON, SIGNAL DIODE ROHS COMPLIANT, PLASTIC PACKAGE-3 SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
|
Rectron Semiconductor
|
1PMT5920BT1 1PMT5920BT3 1PMT5941BT3 1PMT5920B 1PMT |
3.2 Watt Plastic Surface Mount POWERMITE Package 3.2 Watt Plastic Surface Mount POWERMITE Package 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 16V 3.2W Zener Diode 6.8V 3.2W Zener Diode 7.5V 3.2W Zener Diode 8.2V 3.2W Zener Diode 9.1V 3.2W Zener Diode 10V 3.2W Zener Diode 12V 3.2W Zener Diode 18V 3.2W Zener Diode 47V 3.2W Zener Diode 27V 3.2W Zener Diode 22V 3.2W Zener Diode 24V 3.2W Zener Diode 30V 3.2W Zener Diode 39V 3.2W Zener Diode 3.2 Watt Plastic Surface Mount POWERMITE? Package
|
ONSEMI[ON Semiconductor]
|
HLMP-EG24-PS002 HLMP-EJ15-PS000 HLMP-EL32-PS002 HL |
T-1 3/4 SINGLE COLOR LED, RED, 5 mm ROHS COMPLIANT, PLASTIC PACKAGE-2 T-1 3/4 SINGLE COLOR LED, ORANGE, 5 mm ROHS COMPLIANT, PLASTIC PACKAGE-2 T-1 3/4 SINGLE COLOR LED, AMBER, 5 mm ROHS COMPLIANT, PLASTIC PACKAGE-2 T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 3/4 SINGLE COLOR LED, RED ORANGE, 5 mm
|
Cree, Inc. AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
BYW99PI-150 BYW99W-150 BYW99P-150 |
15 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC, ISOLATED TOP3I, 3 PIN 15 A, 150 V, SILICON, RECTIFIER DIODE, TO-247 PLASTIC PACKAGE-3 15 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC PACKAGE-3
|
ST Microelectronics
|
DDO-CJS-LM2-1-I2 DDP-SJS-FG1-1-I2 |
SINGLE COLOR LED, ORANGE 3.20 X 2.80 MM, 1.80 MM HEIGHT, ROHS COMPLIANT, PLASTIC PACKAGE-2 SINGLE COLOR LED, PURE GREEN 3.20 X 2.80 MM, 1.80 MM HEIGHT, ROHS COMPLIANT, PLASTIC PACKAGE-2
|
DOMINANT Opto Technologies Sdn. Bhd.
|
AT24C04Y3-10YI-1.8 AT24C04Y3-10YI-2.7 AT24C04Y1-10 |
SERIAL EEPROM|512X8|CMOS|LLCC|8PIN|PLASTIC SERIAL EEPROM|1KX8|MOS|LLCC|8PIN|PLASTIC SERIAL EEPROM|2KX8|CMOS|LLCC|8PIN|PLASTIC 512 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 6.40 X 3.65 MM, ARRAY PACKAGE, TSSOP-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 6.40 X 3.65 MM, ARRAY PACKAGE, TSSOP-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 6.40 X 3.65 MM, ARRAY PACKAGE, TSSOP-8
|
Atmel, Corp.
|
MSPPLAD15KP8.5E3TR MSPPLAD15KP8.5AE3TR MSPPLAD15KP |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, PLASTIC PACKAGE-1 15000 W, BIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, PLASTIC PACKAGE-1
|
Microsemi, Corp.
|
MIWI06 MIWI06-24D05 MIWI06-24D12 MIWI06-24D15 MIWI |
DIP-24 Plastic Package
|
Total Power Internation...
|
|